Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CU4032K14AUTOG2 Datasheet(PDF) 3 Page - EPCOS

Part # CU4032K14AUTOG2
Description  Ceramic transient voltage suppressors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CU4032K14AUTOG2 Datasheet(HTML) 3 Page - EPCOS

  CU4032K14AUTOG2 Datasheet HTML 1Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 2Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 3Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 4Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 5Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 6Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 7Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 8Page - EPCOS CU4032K14AUTOG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Features
12 V and 24 V supply systems
High energy absorption capability
SMD plastic package
No temperature derating up to 85
°C
RoHS-compatible
Suitable for lead-free soldering
UL approved
PSpice simulation modeling available for different pulses
Applications
Load dump protection acc. to ISO 7637, pulse 5
Jump start protection
Design
Cylindrical varistor element, encapsulated.
Encapsulation: thermoplastic, flame-retardant to UL 94 V-0.
Termination: tinned copper alloy, suitable for lead-free wave and reflow soldering, and
compatible with tin/lead solder.
V/I characteristics and derating curves
V/I and derating curves are attached to the data sheet. The curves are sorted by VRMS and
then by case size, which is included in the type designation.
General technical data
Maximum RMS operating voltage
VRMS,max
14 ... 30
V
Maximum DC operating voltage
VDC,max
16 ... 34
V
Maximum surge current
(8/20 µs)
Isurge,max
100 ... 250
A
Maximum load dump energy
(10 pulses)
WLD
6 ... 12
J
Maximum jump start voltage
(5 min)
Vjump
25 ... 50
V
Maximum energy absorption
(2 ms)
Wmax
400 ... 2000
mJ
Maximum clamping voltage
(8/20 µs)
Vclamp,max
43 ... 93
V
Operating temperature
Top
40/+85
°C
Storage temperature
LCT/UCT
40/+125
°C
SMD disk varistors (CU varistors)
Automotive series
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com