Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

548LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 548LP3E
Description  SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

548LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  548LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 159
Output Return Loss vs. Temperature [2]
HMC548LP3 / 548LP3E
v02.0706
SiGe HBT MMIC LOW NOISE
AMPLIFIER, 1.2 - 3.0 GHz
Reverse Isolation vs. Temperature [2]
Noise Figure vs. Temperature [2]
P1dB vs. Temperature [2]
Psat vs. Temperature [2]
0
1
2
3
4
5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
10
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Output IP3 vs. Temperature [2]
0
5
10
15
20
25
30
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
[1] Measurement includes external 1.57 - 1.6 GHz (GPS L1) band pass filter connected between pin 4 and pin 9.
[2] Measurement includes external 50 Ohm line between pin 4 and pin 9.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com