Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

548LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 548LP3E
Description  SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

548LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  548LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 160
Absolute Maximum Ratings
Drain Bias Voltage (Vcc)
+7.0 Vdc
RF Input Power (RFIN)(Vcc = +5.0 Vdc)
-5 dBm
Junction Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 14 mW/°C above 85 °C)
0.942 W
Thermal Resistance
(junction to ground paddle)
69 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1B
HMC548LP3 / 548LP3E
v02.0706
SiGe HBT MMIC LOW NOISE
AMPLIFIER, 1.2 - 3.0 GHz
Small Signal Parameters Input Stage
Small Signal Parameters Output Stage
Typical Supply Current vs. Vcc
Vcc (Vdc)
Icc (mA)
4.5
17
5.0
21
5.5
24
P1dB Individual Stages
Noise Figure Individual Stages
0
1
2
3
4
0.5
1
1.5
2
2.5
3
3.5
4
Input Stage
Output Stage
FREQUENCY (GHz)
-5
-1
3
7
11
15
0.5
1
1.5
2
2.5
3
3.5
4
P1dB Input Stage
P1dB Output Stage
FREQUENCY (GHz)
-40
-30
-20
-10
0
10
20
0.5
1
1.5
2
2.5
3
3.5
4
S21
S11
S22
S12
FREQUENCY (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
0.5
1
1.5
2
2.5
3
3.5
4
S21
S11
S22
S12
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com