Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

548LP3E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 548LP3E
Description  SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

548LP3E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  548LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 548LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 161
HMC548LP3 / 548LP3E
v02.0706
SiGe HBT MMIC LOW NOISE
AMPLIFIER, 1.2 - 3.0 GHz
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC548LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
548
XXXX
HMC548LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
548
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
Pin Number
Function
Description
Interface Schematic
1RFIN1
This pin is DC coupled and matched to
50 Ohms from 1.2 to 2.0 GHz.
An off chip blocking capacitor is required.
2, 3, 5 - 8,10,
11, 13, 14, 16
GND
These pins and package ground paddle
must be connected to RF/DC ground.
4RFOUT1
This pin is AC coupled and matched to
50 Ohms from 1.2 - 2 GHz.
9RFIN2
This pin is DC coupled and matched to
50 Ohms from 1.2 to 2.0 GHz.
An off chip blocking capacitor is required.
12
RFOUT2
This pin is AC coupled and matched to
50 Ohms from 1.2 - 2 GHz.
15
Vcc
Power supply voltage for the amplifier. External bypass
capacitors of 1,000pF and 18,000 pF are required.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com