Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC666LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC666LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC666LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC666LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC666LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC666LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC666LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC666LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC666LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC666LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC666LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC666LP4 / 666LP4E
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 3.1 - 3.9 GHz
v02.1010
General Description
Features
Functional Diagram
Electrical Specifications,
T
A = +25° C, IF= 300 MHz, LO= 0 dBm, Vcc=Vcc1, 2, 3 = +5V, G_Bias= +2.5V
Typical Applications
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
3.1 - 3.9
GHz
Frequency Range, LO
2.8 - 3.6
GHz
Frequency Range, IF
DC - 800
MHz
Conversion Loss
9
12
dB
Noise Figure (SSB)
9
dB
LO to RF Isolation
21
27
dB
LO to IF Isolation
22
29
dB
RF to IF Isolation
34
42
dB
IP3 (Input)
31
dBm
1 dB Compression (Input)
23
dBm
LO Drive Input Level (Typical)
-3 to +3
dBm
Supply Current Icc total
162
195
mA
* Unless otherwise noted all measurements performed as downconverter with low side LO & IF = 300 MHz.
The HMC666LP4(E) is Ideal for:
• WiMAX/4G & Fixed Wireless
• Infrastructure & Repeaters
• Transmitters & Receivers
• Test & Measurement Equipment
The HMC666LP4(E) is a high dynamic range
passive MMIC mixer with integrated LO amplifier
in a 4x4 SMT QFN package covering 3.1 - 3.9
GHz. Excellent input IP3 performance of +31
dBm for down conversion is provided for WiMAX
and fixed wireless applications at an LO drive of
0 dBm. The LO port is optimized for low side LO
applications. With an input 1 dB compression of +23
dBm, the RF port will accept a wide range of input
signal levels. Conversion loss is 9 dB typical. The
DC to 800 MHz IF frequency response will satisfy
WiMAX transmit or receive frequency plans. The
HMC666LP4(E) is pin for pin compatible with the
HMC688LP4(E) which is a 2.0 - 2.7 GHz mixer with
LO amplifier.
High Input IP3: +31 dBm
Low Conversion Loss: 9 dB
Low LO Drive: 0 dBm
Upconversion & Downconversion Applications
Optimized for low side LO input
24 Lead 4x4mm SMT Package: 16mm2


Similar Part No. - HMC666LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
HMC661LC4B AD-HMC661LC4B Datasheet
875Kb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER DC - 18 GHz
v03.0615
More results

Similar Description - HMC666LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC684LP4 HITTITE-HMC684LP4 Datasheet
305Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC622LP4 HITTITE-HMC622LP4 Datasheet
327Kb / 10P
GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com