Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC705LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC705LP4
Description  6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC705LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC705LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 4
HMC705LP4 / 705LP4E
v03.0709
6.5 GHz PROGRAMMABLE
DIVIDER (N = 1 - 17)
3rd Harmonic, N = 1 through 5
3rd Harmonic, N = 6 through 17
4th Harmonic, N = 1 through 5
4th Harmonic, N = 6 through 17
5th Harmonic, N = 1 through 5
5th Harmonic, N = 6 through 17
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
N=2
N=1
N=3
N=4
N=5
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
N=16
N=17
N=6 through15
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
N=6
N=6,7,8,9,10,11,12,13,14,15,16,17
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
N=8
N=7
N=6 through 17
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
N=2
N=1
N=3
N=4
N=5
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
N=2
N=1
N=3
N=4
N=5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com