Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC705LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC705LP4
Description  6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC705LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC705LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 5
HMC705LP4 / 705LP4E
v03.0709
6.5 GHz PROGRAMMABLE
DIVIDER (N = 1 - 17)
Output Voltage Waveform, Fin = 750 MHz,
N = 3, Pin = 0 dBm, T= 25 °C
Output Voltage Waveform, Fin = 500 MHz,
N = 2, Pin = 0 dBm, T= 25 °C
Output Voltage Waveform, Fin = 2500 MHz,
N = 10, Pin = 0 dBm, T= 25 °C
note:
[1] Peak to peak amplitude does not change relative to n.
[2] Pulse duty cycle changes relative to n.
-500
-400
-300
-200
-100
0
100
200
32
33
34
35
36
37
38
TIME (ns)
-200
-100
0
100
200
300
400
26
27
28
29
30
31
32
33
TIME (ns)
-300
-200
-100
0
100
200
300
25
26
27
28
29
30
31
TIME (ns)
Output Voltage Waveform, Fin = 4250 MHz,
N = 17, Pin = 0 dBm, T= 25 °C
-500
-400
-300
-200
-100
0
100
25
26
27
28
29
30
TIME (ns)
n
output Duty cycle (%)
1
input
2
50
3 - 17
[ 1 - (2/n) ] x 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com