Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC705LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC705LP4
Description  6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC705LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC705LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC705LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 1
General Description
Features
Functional Diagram
Typical Applications
6.5 GHz PROGRAMMABLE
DIVIDER (N = 1 - 17)
HMC705LP4 / 705LP4E
v03.0709
the HMc705LP4(e) is a low noise GaAs HBt
programmable divider in a 4x4 mm leadless surface
mount package. the divider can be programmed to
divide by any number from n = 1 to n = 17 up to
6.5 GHz. the HMc705LP4e’s high frequency
operation along with low phase noise floor is very
useful in high performance fast settling synthesizer
architectures. the HMc705LP4e may be combined
with Hittite’s Phase Frequency Detectors, vcos
and PLL ics to create low noise, fast settling phase
locked loops.
ultra Low ssB Phase noise Floor:
-153 dBc/Hz @ 100 kHz
Programmable Divider (n= 1 - 17) operating
up to 6.5 GHz
24 Lead 4X4mm sMt Package: 16mm2
Electrical Specifications, T
A = +25° C, Vcc = Vcc1 = Vcc2 = +5V
the HMc705LP4(e) is ideal for:
• satellite communication systems
• Point-to-Point radios
• Military Applications
• sonet clock Generation
• test equipment
Parameter
conditions
Min.
typ.
Max.
units
Maximum input Frequency
sine Wave or square Wave input
6.5
GHz
Minimum input Frequency
sine Wave or square Wave input
0.1
GHz
input Power range
Fin = 0.1 to 6.5 GHz*
-15
0
10
dBm
output Power
Divide-by-2
0
dBm
ssB Phase noise
Fin = 6 GHz, n = 17
-153
dBc/Hz
total supply current
190
mA
* For sine wave inputs less than 400 MHz input power must be greater than or equal to -5 dBm


Similar Part No. - HMC705LP4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC705LP4 AD-HMC705LP4 Datasheet
1Mb / 12P
Point-to-Point Radios
HMC705LP4E AD-HMC705LP4E Datasheet
1Mb / 12P
Point-to-Point Radios
More results

Similar Description - HMC705LP4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4522B STMICROELECTRONICS-HCC4522B Datasheet
202Kb / 6P
PROGRAMMABLE BCD DIVIDER-BY-N COUNTER
Sep-1990
logo
Mitsubishi Electric Sem...
M58478P MITSUBISHI-M58478P Datasheet
160Kb / 4P
17-STATE OSCILLATOR / DIVIDER
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
0.1 GHz to 24 GHz, Low Noise, Programmable Divider
4/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com