Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC739LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC739LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 23.8 - 26.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC739LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC739LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 4
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
HMC739LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H739
XXXX
HMC739LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H739
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC739LP4 / 739LP4E
v03.0309
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-16, 23.8 - 26.8 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 5, 6, 7, 8,
9, 12, 13, 14, 18,
19, 21, 23, 24
N/C
No Connection required. These pins may be connected
to RF/DC ground without affecting performance.
2
RFOUT/16
RF/16 Divided Output. Requires DC Block.
4
Vcc (DIG)
Supply voltage for prescaler.
Can be omitted if prescaler is not needed to conserve
approximately 100 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com