Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC739LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC739LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 23.8 - 26.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC739LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC739LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
General Description
Features
Functional Diagram
The HMC739LP4(E) is a GaAs InGaP Heterojunc-
tion Bipolar Transistor (HBT) MMIC VCO. The
HMC739LP4(E) integrates a resonator, negative
resistance device, varactor diode and divide-by-16
prescaler. The VCO’s phase noise performance is
excellent over temperature, shock, and process due
to the oscillator’s monolithic structure. Power output is
+8 dBm typical from a 5V supply voltage. The voltage
controlled oscillator is packaged in a low cost leadless
QFN 4x4 mm surface mount package
Pout: +8 dBm
Phase Noise: -93 dBc/Hz @ 100 kHz Typ.
No External Resonator Needed
24 Lead 4x4mm SMT Package: 16mm²
Typical Applications
The HMC739LP4(E) is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios / LMDS
• VSAT
Electrical Specifications, T
A = +25° C, Vcc(RF), Vcc(DIG) = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
23.8 - 26.8
GHz
Power Output
RF OUT
RF OUT/2
RF OUT/16
3
-3
-7
14
5
-1
dBm
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RF Output
-93
dBc/Hz
Tune Voltage
Vtune
1
13
V
Supply Current
Icc (RF), Icc (DIG)
160
200
220
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
3
dB
Harmonics/Subharmonics
1/2
3/2
-20
-30
dBc
dBc
Pulling (into a 2.0:1 VSWR)
30
MHz pp
Pushing @ Vtune= 5V
-65
MHz/V
Frequency Drift Rate
4
MHz/°C
HMC739LP4 / 739LP4E
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-16, 23.8 - 26.8 GHz
v03.0309


Similar Part No. - HMC739LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
logo
Hittite Microwave Corpo...
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
More results

Similar Description - HMC739LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC738LP4 HITTITE-HMC738LP4 Datasheet
457Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 20.9 - 23.9 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com