Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC739LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC739LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 23.8 - 26.8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC739LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC739LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC739LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
Absolute Maximum Ratings
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc(RF), Vcc DIG) (V)
Icc (mA)
4.75
172
5.0
192
5.25
212
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Vcc (RF), Vcc (DIG)
+5.5V
Vtune
0 to +15V
Junction Temperature
135
° C
Continuous Pdiss (T= 85
°C)
(derate 23.3 mW/
° above 85 °C)
1.2 W
Thermal Resistance
(junction to ground paddle)
43
°C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
RFOUT/2 Frequency
vs. Tuning Voltage, Vcc= +5V
RFOUT/2 Output Power
vs. Tuning Voltage, Vcc= +5V
HMC739LP4 / 739LP4E
v03.0309
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-16, 23.8 - 26.8 GHz
Divide-by-16 Frequency
vs. Tuning Voltage, Vcc = +5V
Divide-by-16 Output Power
vs. Tuning Voltage, Vcc = +5V
10.5
11
11.5
12
12.5
13
13.5
14
14.5
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-2
-1
0
1
2
3
4
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
1.3
1.4
1.5
1.6
1.7
1.8
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-5
-4.5
-4
-3.5
-3
-2.5
-2
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com