Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC772LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Outline Drawing
Absolute Maximum Ratings
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
Drain Bias Voltage
+5V
Drain Bias Current
60 mA
rf input power
5 dBm
Gate Bias Voltage
-1 to 0.3 V
Continuous pdiss (T = 85 °C)
(derate 5.8 mw/°C above 85 °C)
0.55 w
Thermal resistance
(Channel to ground paddle)
172 °C/w
Channel Temperature
180 °C
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
HMC772LC4
v01.0709
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 2 - 12 GHz
NoTes:
1. pACKAGe BoDY mATeriAl: AlUmiNA.
2. leAD AND GroUND pADDle plATiNG: GolD flAsH oVer NiCKel.
3. DimeNsioNs Are iN iNCHes (millimeTers).
4. leAD spACiNG TolerANCe is NoN-CUmUlATiVe.
5. pACKAGe wArp sHAll NoT eXCeeD 0.05mm DATUm – C –
6. All GroUND leADs AND GroUND pADDle mUsT Be solDereD To
pCB rf GroUND.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com