Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC772LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 2 - 12 GHz
v01.0709
General Description
Features
Functional Diagram
Noise figure: 1.8 dB
Gain: 15 dB
output ip3: +25 dBm
p1dB output power: +13 dBm
50 ohm matched input/output
supply Voltage: +4V @ 45 mA
24 lead Ceramic 4x4mm smT package: 16mm²
Electrical Specifications
, T
A = +25° C, Vdd= +4V, Idd = 45 mA*
Typical Applications
This HmC772lC4 is ideal for:
• wideband Communication systems
• surveillance systems
• point-to-point radios
• point-to-multi-point radios
• military & space
• Test instrumentation
The HmC772lC4 is a GaAs mmiC HemT low Noise
wideband Amplifier which operates between 2 and
12 GHz. The amplifier provides 15 dB of gain, 1.8 dB
noise figure up to 12 GHz and output ip3 of +25 dBm,
while requiring only 45 mA from a +4V supply voltage.
The psat output power of up to +15 dBm enables the
lNA to function as a lo driver for many of Hittite’s
balanced, i/Q or image reject mixers. The HmC772lC4
also features i/os that are DC blocked and internally
matched to 50 ohms, making it ideal for smT based
high capacity microwave radio applications. The
HmC772lC4 is housed in a roHs compliant 4x4 mm
QfN leadless ceramic package.
HMC772LC4
parameter
min.
Typ.
max.
Units
frequency range
2 - 12
GHz
Gain
14
15
dB
Gain Variation over Temperature
0.01
dB / °C
Noise figure
1.8
2.5
dB
input return loss
15
dB
output return loss
15
dB
output power for 1 dB Compression
13
dBm
output Third order intercept (ip3)
25
dBm
supply Current (idd) (Vdd = 4V, Vgg = -0.2V Typ.)*
45
mA
* Adjust Vgg between -1 to 0.3V to achieve idd = 45mA typical.


Similar Part No. - HMC772LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC772LC4 HITTITE-HMC772LC4 Datasheet
235Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
HMC772LC4 HITTITE-HMC772LC4 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC772LC4 AD-HMC772LC4 Datasheet
384Kb / 6P
Test Instrumentation
More results

Similar Description - HMC772LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
129Kb / 3P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC772LC4 HITTITE-HMC772LC4 Datasheet
235Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
HMC-ALH482 HITTITE-HMC-ALH482 Datasheet
203Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 22 GHz
HMC-ALH444 HITTITE-HMC-ALH444_10 Datasheet
197Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com