Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC772LC4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC772LC4
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 2 - 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC772LC4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC772LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC772LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC772LC4
v01.0709
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 2 - 12 GHz
pin Number
function
Description
interface schematic
1, 2, 4 - 7, 12 - 15,
17 - 19, 24
GND
These pins and ground paddle
must be connected to rf/DC ground.
3
rfiN
This pin is AC coupled
and matched to 50 ohms.
8
Vgg
Gate control for amplifier. please follow “mmiC Amplifier
Biasing procedure” application note. see application circuit
for required external components.
9
Vdd
power supply Voltage for the amplifier. see application circuit
for required external components.
10, 11, 20 - 23
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
rf/DC ground externally.
16
rfoUT
This pin is AC coupled
and matched to 50 ohms.
Pin Descriptions
Application Circuit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com