Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R01C-45L Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 300-R01C-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R01C-45L Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  300-R01C-45L Datasheet HTML 1Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 2Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 3Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FM
300-RXXX-45X
Indoors & Outdoors
NEMA Type 4X & IP 65
301-RXXX-400 with
384-XKXX-0XX
Hazardous locations
Class I, Div. 1; Groups B, C & D
Class II, Div. 1; Groups E, F & G
Class III
CSA
300-RXXX-45X
Non-hazardous
TYPE 4X enclosure
301-RXXX-400 with
384-XKXX-0XX
300-RXXX-45X
Hazardous locations
Class I, Div. 1; Groups B, C & D
301-RXXX-400 with
Class II, Div. 1; Groups E, F & G
384-XK0X-0XX
Class III
384-XK1X-0XX
Hazardous locations
Class I, Div. 1; Groups C & D
and
Class II, Div. 1; Groups E, F & G
384-XKYX-0XX
Class III
AGENCY
MODEL
PROTECTION METHOD
AREA CLASSIFICATION
AGENCY
APPROVALS
These units have been tested to EN 50081-2
and EN 50082-2 and are in compliance with
the EMC Directive 89/336/EEC.
3.87 (98)
Rotation
clearance
2" NPT
Process
Connection
3.00 (76) or 10.00 (254)
Insertion Length
5.93 (151)
1" NPT
(plugged)
12.25
(311)
1" NPT
8.46
(215)
2.12 (54) Insertion Diameter
2 Holes
.38 (10) Dia.
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
3.87 (98)
Rotation
clearance
3.75
(95)
5.93
(151)
10.68
(271)
1" NPT
1" NPT
8.46
(215)
3/4" NPT
Plug
Model 301 Remote Mount with Bracket
Model 300 Integral Mount
DIMENSIONAL
SPECIFICATIONS
INCHES
(MM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com