Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R01C-45L Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 300-R01C-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R01C-45L Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 300-R01C-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 9Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 10Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 11Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
03
7
31
7
6
CABLE LENGTH IN FEET
10 feet (3 m) minimum, 500 feet (152 m) maximum length
Example: 12 foot cable length = 037-3176-012
CONNECTING
CABLE
PART
NUMBER
11
003
3" (76 mm) length
010
10" (254 mm) length
0
No mounting bracket
3Wall mount bracket for 2" NPT process connection only
4
Floor mount bracket for 2" NPT process connection only
0No housing, 35' (10.7 m) of cable potted into transducer
1
Cast aluminum, NEMA 4X/7/9 housing with 3⁄4" NPT single conduit,
connecting cable ordered separately
Y
316 stainless steel, NEMA 4X/7/9 housing with 3⁄4" NPT single conduit
connecting cable ordered separately
2
1" NPT, not available with transducer housing code 1 or Y
5
2" NPT
PROCESS CONNECTION
TRANSDUCER MOUNTING BRACKET ➀
384
K
MODEL
384
KYNAR
TRANSDUCER
MODEL
NUMBER
TRANSDUCER HOUSING
TRANSDUCER INSERTION LENGTH
➀ Transducer mounting bracket not available with 1" NPT process connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com