Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300-R01C-45L Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 300-R01C-45L
Description  Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

300-R01C-45L Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 300-R01C-45L Datasheet HTML 4Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 5Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 6Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 7Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 8Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 9Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 10Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 11Page - Magnetrol International, Inc. 300-R01C-45L Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PERFORMANCE
SPECIFICATIONS
Response time
2 seconds typical
Accuracy
±0.25% of calibrated span
TRANSMITTER
SPECIFICATIONS
Supply voltage
120 VAC +10%/-15%, 50-60 Hz
240 VAC +10%/-15%, 50-60 Hz
24 VDC, ±20%
Power consumption
12 watts (without heater)
Analog output signal
Active mode
4–20 mA (isolated) maximum 1,000 Ω loop resistance
Passive mode
4–20 mA (isolated) loop resistance dependent on
power supply (32 volt maximum) 1,000 Ω @ 24 volts
Digital output
RS–485 with Modbus
Relays
10 amp SPDT resistive (none, 2, or 4)
Fail-safe
User selectable for analog and relay outputs
Ambient Temperature
Electronics
-40° to +160° F (-40° to +71° C)
Display
Two-line alphanumeric LCD (16 characters per line)
Keypad
16-button
Humidity
Electronics
99% non-condensing
Fuse (Non-replaceable)
3
⁄8 amp, 250 VAC Slo-Blo® for AC units
11⁄2 amp, 250 VDC Slo-Blo® for DC units
TRANSDUCER
SPECIFICATIONS
Transducer Frequency
38 kHz
Maximum Range
30 feet (9.1 m)
Maximum Span
28.5 feet (8.7 m)
Deadband
18 inches (460 mm) minimum
Ambient Temperature
Transducer
-40° to +163° F (-40° to +73° C)
non-operational to +250° F (121° C)
Temperature Compensation
Automatic over range of transducer operating temperature
Operating Pressure
–10 to +50 psig (–0.689 to +3.45 bar)
Beam Angle
Conical 12°
Cable length
500 feet maximum (between transducer and electronics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com