Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3871 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 2 Page - Texas Instruments

  AM3871 Datasheet HTML 1Page - Texas Instruments AM3871 Datasheet HTML 2Page - Texas Instruments AM3871 Datasheet HTML 3Page - Texas Instruments AM3871 Datasheet HTML 4Page - Texas Instruments AM3871 Datasheet HTML 5Page - Texas Instruments AM3871 Datasheet HTML 6Page - Texas Instruments AM3871 Datasheet HTML 7Page - Texas Instruments AM3871 Datasheet HTML 8Page - Texas Instruments AM3871 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 345 page
background image
AM3874, AM3872, AM3871
SPRS695
– SEPTEMBER 2011
www.ti.com
• Dual Port Ethernet (10/100/1000 Mb/s) With
– DIT-Capable For S/PDIF (All Ports)
Optional Switch
• Multi-Channel Buffered Serial Port (McBSP)
– IEEE 802.3 Compliant (3.3V I/O Only)
– Transmit/Receive Clocks up to 48 MHz
– MII/RMII/GMII/RGMII Media Independent I/Fs
– Two Clock Zones and Two Serial Data Pins
– Management Data I/O (MDIO) Module
– Supports TDM, I2S, and Similar Formats
– Reset Isolation
• Serial ATA (SATA) 3.0 Gbps Controller With
– IEEE-1588 Time-Stamping and Industrial
Integrated PHY
Ethernet Protocols
– Direct Interface to One Hard Disk Drive
• Dual USB 2.0 Ports With Integrated PHYs
– Hardware-Assisted Native Command
– USB2.0 High-/Full-Speed Clients
Queuing (NCQ) from up to 32 Entries
– USB2.0 High-/Full-/Low-Speed Hosts, or OTG
– Supports Port Multiplier and
Command-Based Switching
– Supports End Points 0-15
• Real-Time Clock (RTC)
• One PCI Express 2.0 Port With Integrated PHY
– One-Time or Periodic Interrupt Generation
– Single Port With 1 Lane at 5.0 GT/s
• Up to 128 General-Purpose I/O (GPIO) Pins
– Configurable as Root Complex or Endpoint
• One Spin Lock Module with up to 128 Hardware
• Eight 32-bit General-Purpose Timers (Timer1–8)
Semaphores
• One System Watchdog Timer (WDT 0)
• One Mailbox Module with 12 Mailboxes
• Six Configurable UART/IrDA/CIR Modules
• On-Chip ARM ROM Bootloader (RBL)
– UART0 With Modem Control Signals
• Power, Reset, and Clock Management
– Supports up to 3.6864 Mbps UART0/1/2
– SmartReflex™ Technology (Level 2b)
– Supports up to 12 Mbps UART3/4/5
– Multiple Independent Core Power Domains
– SIR, MIR, FIR (4.0 MBAUD), and CIR
– Multiple Independent Core Voltage Domains
• Four Serial Peripheral Interfaces (SPIs) [up to
– Support for Three Operating Points
48-MHz]
(OPP120/100/50) per Voltage Domain
– Each With Four Chip-Selects
– Clock Enable/Disable Control for
• Three MMC/SD/SDIO Serial Interfaces [up to
Subsystems and Peripherals
48-MHz]
• 32KB Embedded Trace Buffer™ (ETB™) and
– Three Supporting up to 1-/4-/8-Bit Modes
5-pin Trace Interface for Debug
• Dual Controller Area Network (DCAN) Modules
• IEEE-1149.1 (JTAG) Compatible
– CAN Version 2 Part A, B
• 684-Pin Pb-Free BGA Package (CYE Suffix),
• Four Inter-Integrated Circuit (I2C Bus™) Ports
0.8-mm Ball Pitch With Via Channel
™
• Six Multi-Channel Audio Serial Ports (McASP)
Technology to Reduce PCB Cost
– Dual Ten Serializer Transmit/Receive Ports
• 45-nm CMOS Technology
– Quad Four Serializer Transmit/Receive Ports
• 1.8-/3.3-V Dual Voltage Buffers for General I/O
1.2
Applications
•
Single Board Computing
•
Network and Communications Processing
•
Industrial Automation
•
Human Machine Interface
•
Interactive Point-of-Service/Information Kiosks
•
Portable Data Terminals
2
High-Performance System-on-Chip (SoC)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com