Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3871 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM3871 Datasheet HTML 45Page - Texas Instruments AM3871 Datasheet HTML 46Page - Texas Instruments AM3871 Datasheet HTML 47Page - Texas Instruments AM3871 Datasheet HTML 48Page - Texas Instruments AM3871 Datasheet HTML 49Page - Texas Instruments AM3871 Datasheet HTML 50Page - Texas Instruments AM3871 Datasheet HTML 51Page - Texas Instruments AM3871 Datasheet HTML 52Page - Texas Instruments AM3871 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-7. EMAC[0] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0]_MCRS/
EMAC[0],
EMAC[0]_RGRXD[2]/
VIN[1]B, SPI[3],
IPD
VIN[1]B_D[2]/
R25
I
GPI3
DVDD_GPMC
EMAC[0]_RMRXD[1]/
PINCNTL237
GP3[25]
DSIS: PIN
RMII Receive Data [1:0]. For 10/100 EMAC RMII
operation, EMAC[0]_RMRXD[1:0] are used.
EMAC[0]_MCOL/
EMAC[0],
EMAC[0]_RGRXCTL/
IPD
VIN[1]B, GP3
VIN[1]B_D[1]/
L23
I
DVDD_GPMC
PINCNTL236
EMAC[0]_RMRXD[0]/
DSIS: PIN
GP3[24]
EMAC[0]_MRXER/
EMAC[0],
EMAC[0]_RGTXCTL/
IPD
VIN[1]B, GP3
VIN[1]B_D[3]/
J26
I
RMII Receive Data Error input
DVDD_GPMC
PINCNTL238
EMAC[0]_RMRXER/
DSIS: 0
GP3[26]
EMAC[0]_MRXD[1]/
EMAC[0],
EMAC[0]_RGRXD[0]/
IPD
VIN[1]B, GP3
VIN[1]B_D[6]/
P23
O
DVDD_GPMC
PINCNTL241
EMAC[0]_RMTXD[1]/
DSIS: N/A
GP3[29]
RMII Transmit Data [7:0]. For 10/100 EMAC RMII
operation, EMAC[0]_RMTXD[1:0] are used.
EMAC[0]_MRXD[0]/
EMAC[0],
EMAC[0]_RGTXD[0]/
IPD
VIN[1]B, GP3
VIN[1]B_D[5]/
G28
O
DVDD_GPMC
PINCNTL240
EMAC[0]_RMTXD[0]/
DSIS: N/A
GP3[28]
EMAC[0]_MRXD[2]/
EMAC[0],
EMAC[0]_RGRXD[1]/
IPD
VIN[1]B, GP3
VIN[1]B_D[7]/
R23
O
RMII Transmit Data Enable output
DVDD_GPMC
PINCNTL242
EMAC[0]_RMTXEN/
DSIS: N/A
GP3[30]
EMAC[0] RGMII Mode
TBD
These pin functions are available only when RGMII mode is selected.
EMAC[0]_MTCLK/
EMAC[0],
EMAC[0]_RGRXC/
VIN[1]B, SPI[3],
VIN[1]B_D[0]/
IPD
L24
I
I2C[2], GP3
RGMII Receive Clock
SPI[3]_SCS[3]/
DVDD_GPMC
PINCNTL235
I2C[2]_SDA/
DSIS: PIN
GP3[23]
EMAC[0]_MCOL/
EMAC[0],
EMAC[0]_RGRXCTL/
IPD
VIN[1]B, GP3
VIN[1]B_D[1]/
L23
I
RGMII Receive Control
DVDD_GPMC
PINCNTL236
EMAC[0]_RMRXD[0]/
DSIS: PIN
GP3[24]
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
49
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com