Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3871 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3871
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3871 Datasheet(HTML) 1 Page - Texas Instruments

  AM3871 Datasheet HTML 1Page - Texas Instruments AM3871 Datasheet HTML 2Page - Texas Instruments AM3871 Datasheet HTML 3Page - Texas Instruments AM3871 Datasheet HTML 4Page - Texas Instruments AM3871 Datasheet HTML 5Page - Texas Instruments AM3871 Datasheet HTML 6Page - Texas Instruments AM3871 Datasheet HTML 7Page - Texas Instruments AM3871 Datasheet HTML 8Page - Texas Instruments AM3871 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
AM387x Sitara
™
ARM
® Microprocessors (MPUs)
Check for Samples: AM3874, AM3872, AM3871
1
High-Performance System-on-Chip (SoC)
1.1
Features
12
8-bit SD Capture Ports
• High-Performance Sitara™ ARM®
Microprocessors (MPUs)
•
One 8/16/24-bit Input
– Up to 1-GHz ARM® Cortex™-A8 RISC MPU
•
One 8-bit Only Input
• ARM® Cortex™-A8 Core
– Two 165 MHz HD Video Display Outputs
– ARMv7 Architecture
•
One 16/24/30-bit and one 16/24-bit Output
•
In-Order, Dual-Issue, Superscalar
– Composite or S-Video Analog Output
Microprocessor Core
– MacroVision® Support Available
•
NEON
™ Multimedia Architecture
– Digital HDMI 1.3 transmitter With Integrated
•
Supports Integer and Floating Point
PHY
•
Jazelle
® RCT Execution Environment
– Advanced Video Processing Features Such
as Scan/Format/Rate Conversion
• ARM® Cortex™-A8 Memory Architecture
– Three Graphics Layers and Compositors
– 32K-Byte Instruction and Data Caches
• Dual 32-bit LPDDR/DDR2/DDR3 SDRAM
– 512K-Byte L2 Cache
Interfaces
– 64K-Byte RAM, 48K-Byte Boot ROM
– Supports up to LPDDR-400, DDR2-800, and
• 128K-Bytes On-Chip Memory Controller
DDR3-800
(OCMC) RAM
– Up to Eight x 8 Devices Total 2 GB Total
• Imaging Subsystem (ISS)
Address Space
– Camera Sensor Connection
– Dynamic Memory Manager (DMM)
•
Parallel Connection for Raw (up to 16-Bit)
•
Programmable Multi-Zone Memory
and BT.656/BT.1120 (8-/16-bit)
Mapping and Interleaving
– Image Sensor Interface (ISIF) for Handling
•
Enables Efficient 2D Block Accesses
Image/Video Data From the Camera Sensor
•
Supports Tiled Objects in 0
°, 90°, 180°, or
– Resizer
270
° Orientation and Mirroring
•
Resizing Image/Video From 1/16x to 8x
•
Optimizes Interlaced Accesses
•
Generating Two Different Resizing
• General Purpose Memory Controller (GPMC)
Outputs Concurrently
– 8-/16-bit Multiplexed Address/Data Bus
• Media Controller
– 512M-Byte Total Address Space Divided
– Controls the HDVPSS and ISS
Among up to 8 Chip Selects
• SGX530 3D Graphics Engine
– Glueless Interface to NOR Flash, NAND
– Delivers up to 18 MPoly/sec
Flash (BCH/Hamming Error Code Detection),
– Universal Scalable Shader Engine
SRAM and Pseudo-SRAM
– Direct3D Mobile, OpenGLES 1.1 and 2.0,
– Error Locator Module (ELM) Outside of
OpenVG 1.0, OpenMax API Support
GPMC to Provide Upto 16-Bit/512-Bytes
– Advanced Geometry DMA Driven Operation
Hardware ECC for NAND
– Programmable HQ Image Anti-Aliasing
– Flexible Asynchronous Protocol Control for
• Endianness
Interface to FPGA, CPLD, ASICs, etc.
– ARM Instructions/Data – Little Endian
• Enhanced Direct-Memory-Access (EDMA)
Controller
• HD Video Processing Subsystem (HDVPSS)
– Four Transfer Controllers
– Two 165 MHz HD Video Capture Inputs
– 64/8 Independent DMA/QDMA Channels
•
One 16/24-bit Input, Splittable into Dual
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative
Copyright
© 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - AM3871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3871CCYE100 TI1-AM3871CCYE100 Datasheet
2Mb / 358P
Sitara ARM Processors
AM3871CCYE80 TI1-AM3871CCYE80 Datasheet
2Mb / 358P
Sitara ARM Processors
More results

Similar Description - AM3871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892 TI-AM3892 Datasheet
1Mb / 299P
AM389x Sitara ARM Microprocessors (MPUs)
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
AM3715, AM3703 Sitara ARM Microprocessors
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
AM387x Sitara??ARM Processors
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
Sitara ARM Microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com