Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R82 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # R82
Description  Introducing Full-featured Level Transmitters with a User-friendly Price Point.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R82 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  R82 Datasheet HTML 1Page - Magnetrol International, Inc. R82 Datasheet HTML 2Page - Magnetrol International, Inc. R82 Datasheet HTML 3Page - Magnetrol International, Inc. R82 Datasheet HTML 4Page - Magnetrol International, Inc. R82 Datasheet HTML 5Page - Magnetrol International, Inc. R82 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The intelligent electronics of the Model 355 Transmitter
analyze the ultrasonic echo profile, apply temperature
compensation, reject echoes from false targets,
and then processes the true echo from the
liquid surface. This results in an extremely
reliable measurement even when application
difficulties exist like turbulence or false
echoes generated by agitator blades, fill
pipes or other internal tank fittings.
The 60 kHz ultrasonic transducer is offered in
polypropylene or Kynar for superior performance
in harsh environments. These powerful transducers
feature a 10° conical beam and 10" (255 mm) blocking
distance to maximize measurement capabilities in a
wide variety of applications.
• Chemical storage tanks
• Vessels with highly viscous media
• Paint, ink and solvent tanks
• Food and beverage vessels
• Batch and day tanks
• Open channel flow weirs and flumes
355
Ultrasonic Transmitter
Smart Signal Processing
Overcomes Measurement Difficulties
The sophisticated circuitry of the R82 transmits, receives
and processes 1.8 million pulses per second to
ensure reliable measurement. The R82 measures
effectively even when atmospheres above the
liquid are saturated with vapor. Pulse Burst
technology and advanced signal processing
manage common disturbances such as false
echoes caused by obstructions, multi-path
reflections from tank sidewalls or turbulence
caused by agitators, aggressive chemicals,
or aerators.
The R82 launcher orientation and echo-rejection
profiling are simplified for easy use. The microwave
beam is rotatable for optimized operation. The fully-
encapsulated horn antenna offers high performance
and is chemically resistant to nearly all standard
process media. Applications include:
• Liquids, slurries and viscous media
• General chemical storage
• Day, batch and feed tanks
• Food and beverage vessels
• Water/Wastewater tanks and sumps
R82
Radar Transmitter
Agitator blade shaft
Fill pipe
Turbulent process
Ladder and fill
pipe obstacles
Visible vapors
Aerated process;
in-tank air movement



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com