Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R82 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # R82
Description  Introducing Full-featured Level Transmitters with a User-friendly Price Point.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R82 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  R82 Datasheet HTML 1Page - Magnetrol International, Inc. R82 Datasheet HTML 2Page - Magnetrol International, Inc. R82 Datasheet HTML 3Page - Magnetrol International, Inc. R82 Datasheet HTML 4Page - Magnetrol International, Inc. R82 Datasheet HTML 5Page - Magnetrol International, Inc. R82 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Housing Covers
TOP LEFT: Cast aluminum with
a tempered glass window.
TOP RIGHT: Lexan plastic with a
transparent cover.
Electronics Module
ABOVE: Module as positioned in
compartment shows LCD
and four-button keypad.
Radome
Sheds
condensation
Housing Compartment
Shown in aluminum; available in
Lexan. Contains field wiring
compartment and electronics.
Model R82 is a loop-powered,
26 GHz, non-contact radar transmitter
that performs liquid level and volume
measurements in enclosed vessels.
The R82 offers high-performance at
an economical price point to reliably
measure out to a 40 foot (12 meter)
maximum range.
The Model R82 provides unsurpassed
ease of configuration with either the
menu-driven 4-pushbutton, 2-line
×
16-character display, HART digital
communications, or PACTware. This
allows complete configuration via the
local user interface, or remotely with
the added capability of capturing
echo waveforms, and viewing trend
data, diagnostic conditions and all
transmitter configuration parameters.
Model R82 with
a thermoplastic
housing and a
polypropylene
antenna; and a
Model R82 with a
cast aluminum
housing and a
Tefzel® antenna
Radar Antenna
Shown in Tefzel;
available in
polypropylene.
Available in
two lengths.
Antenna horn is
encapsulated within
polypropylene or Tefzel.
Operating Principle The R82
is based on pulse burst radar
technology together with
equivalent time sampling
circuitry. Short bursts of
26 GHz microwave energy
are emitted and subsequently
reflected from the liquid
level surface.
R82
R A D A R
T R A N S M I T T E R
O-Ring
Aluminum Housing: Viton®
Lexan® Housing: Buna-N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com