Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R82 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # R82
Description  Introducing Full-featured Level Transmitters with a User-friendly Price Point.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R82 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  R82 Datasheet HTML 1Page - Magnetrol International, Inc. R82 Datasheet HTML 2Page - Magnetrol International, Inc. R82 Datasheet HTML 3Page - Magnetrol International, Inc. R82 Datasheet HTML 4Page - Magnetrol International, Inc. R82 Datasheet HTML 5Page - Magnetrol International, Inc. R82 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
355
Housing Covers
TOP LEFT: Cast aluminum with
a tempered glass window for XP
approval. TOP RIGHT: Lexan®
plastic with a transparent cover.
Electronics Module
ABOVE: Module as positioned
in compartment shows LCD
and four-button keypad.
Housing Compartment
Shown in aluminum; available
in Lexan. Contains field wiring
compartment and electronics.
O-Ring
Aluminum Housing: Viton®
Lexan® Housing: Buna-N
Echotel
® Model 355 is a two-wire,
loop-powered, non-contact ultrasonic
transmitter that performs liquid level,
volume, and open channel flow
measurement. A powerful 60 kHz
ultrasonic transducer and advanced
digital signal processing is featured
to reliably measure out to a 20 foot
(6 meter) maximum range.
The Model 355 provides unsur-
passed ease of configuration with
either the menu-driven 4-pushbut-
ton, 2-line
× 16-character display,
HART
®
digital communications, or
PACTware™. The latter enables a
complete configuration via the local
user interface, or remotely with the
added capability of capturing echo
waveforms, and viewing trend data,
diagnostic conditions and all trans-
mitter configuration parameters.
Operating Principle
Measurement is obtained by
emitting an ultrasonic pulse from
the transducer and measuring
the time required for the echo to
reflect from the liquid surface
and return to the transducer.
U L T R A S O N I C
T R A N S M I T T E R
The Model 355
with a Lexan®
housing and
polypropylene
transducer; and
a 355 with an
XP aluminum
housing and
a Kynar®
transducer.
Piezoelectric
Crystal Assembly
Transducer Board
Transducer Shown in Kynar;
available in polypropylene.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com