Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25640C Datasheet(PDF) 4 Page - Ramtron International Corporation

Part # FM25640C
Description  64Kb Serial 5V F-RAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640C Datasheet(HTML) 4 Page - Ramtron International Corporation

  FM25640C Datasheet HTML 1Page - Ramtron International Corporation FM25640C Datasheet HTML 2Page - Ramtron International Corporation FM25640C Datasheet HTML 3Page - Ramtron International Corporation FM25640C Datasheet HTML 4Page - Ramtron International Corporation FM25640C Datasheet HTML 5Page - Ramtron International Corporation FM25640C Datasheet HTML 6Page - Ramtron International Corporation FM25640C Datasheet HTML 7Page - Ramtron International Corporation FM25640C Datasheet HTML 8Page - Ramtron International Corporation FM25640C Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FM25640C - 64Kb 5V SPI F-RAM
Rev. 1.1
June 2011
4 of 13
FM25640C
MOSI: Master Out, Slave In
MISO: Master In, Slave Out
SS: Slave Select
SO SI SCK
CS
HOLD
FM25640C
SO SI SCK
CS
HOLD
SPI
Microcontroller
SS1
SS2
HOLD1
HOLD2
MISO
MOSI
SCK
Figure 2. System Configuration with SPI port
Microcontroller
FM25640C
SO SI SCK
CS
HOLD
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com