Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25640C Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM25640C
Description  64Kb Serial 5V F-RAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640C Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM25640C Datasheet HTML 1Page - Ramtron International Corporation FM25640C Datasheet HTML 2Page - Ramtron International Corporation FM25640C Datasheet HTML 3Page - Ramtron International Corporation FM25640C Datasheet HTML 4Page - Ramtron International Corporation FM25640C Datasheet HTML 5Page - Ramtron International Corporation FM25640C Datasheet HTML 6Page - Ramtron International Corporation FM25640C Datasheet HTML 7Page - Ramtron International Corporation FM25640C Datasheet HTML 8Page - Ramtron International Corporation FM25640C Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-F-RAM, (719) 481-7000
Rev. 1.1
www.ramtron.com
June 2011
Page 1 of 13
FM25640C
64Kb Serial 5V F-RAM Memory
Features
64K bit Ferroelectric Nonvolatile RAM
Organized as 8,192 x 8 bits
High Endurance 1 Trillion (10
12) Read/Writes
36 Year Data Retention at +75C
NoDelay™ Writes
Advanced high-reliability ferroelectric process
Very Fast Serial Peripheral Interface - SPI
Up to 20 MHz maximum bus frequency
Direct hardware replacement for EEPROM
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
Hardware Protection
Software Protection
Low Power Consumption
250 A Active Current (1 MHz)
4 A (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40C to +85C
8-pin “Green”/RoHS SOIC (-G)
Description
The FM25640C is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile but operates in other respects as a RAM.
It provides reliable data retention for 36 years while
eliminating the complexities, overhead, and system
level reliability problems caused by EEPROM and
other nonvolatile memories.
The FM25640C performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array immediately after it has been
successfully transferred to the device. The next bus
cycle may commence immediately without the need
for data polling. The FM25640C is capable of
supporting up to 10
12 read/write cycles, or a million
times more write cycles than EEPROM.
These capabilities make the FM25640C ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25640C provides substantial benefits to users
of
serial
EEPROM,
in
a
hardware
drop-in
replacement. The FM25640C uses the high-speed SPI
bus, which enhances the high-speed write capability
of
F-RAM
technology.
The
specifications
are
guaranteed over an industrial temperature range of
-40°C to +85°C.
Pin Configuration
Pin Names
Function
/CS
Chip Select
/HOLD
Hold
/WP
Write Protect
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
5V
VSS
Ground
Ordering Information
FM25640C-G
“Green”/RoHS 8-pin SOIC
FM25640C-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


Similar Part No. - FM25640C

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640 Datasheet
138Kb / 13P
64Kb FRAM Serial Memory
FM25640-G RAMTRON-FM25640-G Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640-GA RAMTRON-FM25640-GA Datasheet
138Kb / 13P
64Kb FRAM Serial Memory
More results

Similar Description - FM25640C

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
64Kb Serial 5V F-RAM Memory
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
64Kb Bytewide 5V F-RAM Memory
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B Datasheet
441Kb / 13P
64Kb Serial 5V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
64Kb Bytewide 5V F-RAM Memory
FM25640B CYPRESS-FM25640B_13 Datasheet
400Kb / 14P
64Kb Serial 5V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com