Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25640C Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM25640C
Description  64Kb Serial 5V F-RAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640C Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM25640C Datasheet HTML 4Page - Ramtron International Corporation FM25640C Datasheet HTML 5Page - Ramtron International Corporation FM25640C Datasheet HTML 6Page - Ramtron International Corporation FM25640C Datasheet HTML 7Page - Ramtron International Corporation FM25640C Datasheet HTML 8Page - Ramtron International Corporation FM25640C Datasheet HTML 9Page - Ramtron International Corporation FM25640C Datasheet HTML 10Page - Ramtron International Corporation FM25640C Datasheet HTML 11Page - Ramtron International Corporation FM25640C Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FM25640C - 64Kb 5V SPI F-RAM
Rev. 1.1
June 2011
8 of 13
0
1
2
3
4
5
6
7
0
1
2
3
4
5
3
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
0
MSB
13-bit Address
X
X
X
12 11 10
4
3
2
1
0
7
6
5
4
3
2
1
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
Figure 9. Memory Write
0
1
2
3
4
5
6
7
0
1
2
3
4
5
3
4
5
6
7
0
1
2
3
4
5
6
7
op-code
0
0
0
0
0
0
1
MSB
13-bit Address
X
X
X
12 11 10
4
3
2
1
0
7
6
5
4
3
2
1
0
LSB MSB
LSB
CS
SCK
SI
SO
Data
1
Figure 10. Memory Read
Endurance
Internally, a F-RAM operates with a read and restore
mechanism. Therefore, endurance cycles are applied
for each access: read or write. The
F-RAM
architecture is based on an array of rows and
columns. Each access causes a cycle for an entire
row. In the FM25640C, a row is 64 bits wide. Every
8-byte boundary marks the beginning of a new row.
Endurance can be optimized by ensuring frequently
accessed
data
is
located
in
different
rows.
Regardless, F-RAM read and write endurance is
effectively unlimited at the 20MHz clock speed.
Even at 2000 accesses per second to the same row, 15
years time will elapse before 10
12 endurance cycles
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com