Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1969 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C1969
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C1969 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C1969 Datasheet HTML 1Page - Inchange Semiconductor Company Limited C1969 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC1969
DESCRIPTION
·High Power Gain-
: Gpe≥12dB,f= 27MHz, PO= 16W
·High Reliability
APPLICATIONS
·Designed for 10~14 watts output power class AB amplifiers
applications in HF band.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage RBE= ∞
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
6
A
Collector Power Dissipation
@TC=25℃
20
PC
Collector Power Dissipation
@Ta=25℃
1.7
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance,Junction to Ambient
73.5
℃/W
Rth j-c
Thermal Resistance,Junction to Case
6.25
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - C1969

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
C196 TIME-ELECTRONICS-C196 Datasheet
565Kb / 2P
7040 Digital Pressure Calibrator
06/22
logo
PerkinElmer Optoelectro...
C1962 PERKINELMER-C1962 Datasheet
10Kb / 11P
Channel Photomultipliers
C1962P PERKINELMER-C1962P Datasheet
10Kb / 11P
Channel Photomultipliers
C1963 PERKINELMER-C1963 Datasheet
10Kb / 11P
Channel Photomultipliers
C1963P PERKINELMER-C1963P Datasheet
10Kb / 11P
Channel Photomultipliers
More results

Similar Description - C1969

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com