Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3421 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3421
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3421 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3421 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3421 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC3421
DESCRIPTION
·High Collector-Emitter Breakdown Voltage
: V(BR)CEO= 120V(Min)
·Complement to Type 2SA1358
APPLICATIONS
·Designed for audio frequency power amplifier applications.
·Suitable for driver of 60 to 80 Watts audio amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
1
A
IB
B
Base Current-Continuous
0.1
A
Collector Power Dissipation
@ TC=25℃
10
PC
Collector Power Dissipation
@ Ta=25℃
1.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SC3421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3421 TOSHIBA-2SC3421 Datasheet
151Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS)
2SC3421 TOSHIBA-2SC3421 Datasheet
120Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
logo
Foshan Blue Rocket Elec...
2SC3421 FOSHAN-2SC3421 Datasheet
1,018Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
logo
Toshiba Semiconductor
2SC3421 TOSHIBA-2SC3421 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC3421 TOSHIBA-2SC3421_06 Datasheet
120Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
More results

Similar Description - 2SC3421

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com