Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R006 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT46R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R006 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT46R006 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOL2
PA7 Sink Current
3V
VOL=0.1VDD
0.8
1.2
¾
mA
5V
2
3
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
Note: The standby current (ISTB1~ISTB3) and IDD4 are measured with all I/O pins in input mode and tied to VDD.
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾
2.2V~5.5V
32
¾
4000
kHz
3.0V~5.5V
32
¾
8000
kHz
4.5V~5.5V
32
¾
12000
kHz
fHIRC
System Clock
(HIRC)
3V/5V Ta=25
°C
-2%
4
+2%
MHz
3V/5V Ta=25
°C
-2%
8
+2%
MHz
5V
Ta=25
°C
-2%
12
+2%
MHz
3V/5V Ta=0~70
°C
-5%
4
+5%
MHz
3V/5V Ta=0~70
°C
-5%
8
+5%
MHz
5V
Ta=0~70
°C
-5%
12
+5%
MHz
2.2V~
3.6V
Ta=0~70
°C
-8%
4
+8%
MHz
3.0V~
5.5V
Ta=0~70
°C
-8%
4
+8%
MHz
3.0V~
5.5V
Ta=0~70
°C
-8%
8
+8%
MHz
4.5V~
5.5V
Ta=0~70
°C
-8%
12
+8%
MHz
2.2V~
3.6V
Ta=
-40°C~85°C
-12%
4
+12%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-12%
4
+12%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-12%
8
+12%
MHz
4.5V~
5.5V
Ta=
-40°C~85°C
-12%
12
+12%
MHz
fERC
System Clock
(ERC)
5V
Ta=25
°C, R=120kW *
-2%
4
+2%
MHz
5V
Ta=0~70
°C, R=120kW *
-5%
4
+5%
MHz
5V
Ta=
-40°C~85°C,
R=120k
W *
-7%
4
+7%
MHz
2.2V~
5.5V
Ta=
-40°C~85°C,
R=120k
W *
-11%
4
+11%
MHz
fLXT
System Clock (LXT)
¾¾¾
32768
¾
Hz
HT48R006/HT46R006
Rev. 1.00
10
October 24, 2011
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com