Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R006 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT46R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R006 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT46R006 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
42
October 24, 2011
timer has been initialized the timer can be turned on and
off by controlling the enable bit in the timer control regis-
ter.
When the Timer/Event Counter overflows, its corre-
sponding interrupt request flag in the interrupt control
register will be set. If the Timer/Event Counter interrupt
is enabled this will in turn generate an interrupt signal.
However irrespective of whether the interrupts are en-
abled or not, a Timer/Event Counter overflow will also
generate a wake-up signal if the device is in a
Power-down condition. This situation may occur if the
Timer/Event Counter is in the Event Counting Mode and
if the external signal continues to change state. In such
a case, the Timer/Event Counter will continue to count
these external events and if an overflow occurs the de-
vice will be woken up from its Power-down condition. To
prevent such a wake-up from occurring, the timer inter-
rupt request flag should first be set high before issuing
the
²HALT² instruction to enter the Power Down Mode.
Timer Program Example
The program shows how the Timer/Event Counter regis-
ters are setup along with how the interrupts are enabled
and managed. Note how the Timer/Event Counter is
turned on, by setting bit 4 of the Timer Control Register.
The Timer/Event Counter can be turned off in a similar
way by clearing the same bit. This example program
sets the Timer/Event Counters to be in the timer mode,
which uses the internal system clock as their clock
source.
Time Base
The device includes a Time Base function which is used
to generate a regular time interval signal.
The Time Base time interval magnitude is determined
using an internal 13 stage counter sets the division ratio
of the clock source. This division ratio is controlled by
both the TBSEL0 and TBSEL1 bits in the CTRL1 regis-
ter. The clock source is selected using the T0S bit in the
TMR0C register.
When the Time Base time out, a Time Base interrupt sig-
nal will be generated. It should be noted that as the Time
Base clock source is the same as the Timer/Event
Counter clock source, care should be taken when pro-
gramming.
· PFD Programming Example
org
04h
; external interrupt vector
org
08h
; Timer Counter interrupt vector
Jmp
tmr0int
; jump here when Timer 0 overflows
::
org
20h
; main program
::
;internal Timer 0 interrupt routine
tmr0int:
:
; Timer 0 main program placed here
:
:
begin:
;setup Timer 0 registers
mov
a,09bh
; setup Timer 0 preload value
mov
tmr0,a
mov
a,081h
; setup Timer 0 control register
mov
tmr0c,a
; timer mode and prescaler set to /2
;setup interrupt register
mov
a,005h
; enable master interrupt and both timer interrupts
mov
intc0,a
::
set
tmr0c.4
; start Timer 0
::



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com