Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R006 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R006
Description  Small Package 8-Bit OTP MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R006 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R006 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
HT48R006/HT46R006
Rev. 1.00
20
October 24, 2011
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the port
PA data I/O register and its associated control register
PAC plays a prominent role. This register is mapped to
specific address within the Data Memory as shown in
the Data Memory table. The data I/O registers, are used
to transfer the appropriate output or input data on the
port. The control registers specifies which pins of the
port are set as inputs and which are set as outputs. To
setup a pin as an input, the corresponding bit of the con-
trol register must be set high, for an output it must be set
low. During program initialisation, it is important to first
setup the control registers to specify which pins are out-
puts and which are inputs before reading data from or
writing data to the I/O ports. One flexible feature of these
registers is the ability to directly program single bits us-
ing the
²SET [m].i² and ²CLR [m].i² instructions. The
ability to change I/O pins from output to input and vice
versa by manipulating specific bits of the I/O control reg-
isters during normal program operation is a useful fea-
ture of these devices.
System Control Registers
- CTRL0, CTRL1
These registers are used to provide control over various
internal functions. Some of these include the PFD con-
trol, PWM control, certain system clock options, the LXT
Oscillator low power control, external Interrupt edge trig-
ger type, Watchdog Timer enable function, Time Base
function division ratio, and the LXT oscillator enable
control.
Wake-up Function Register
- PAWK
When the microcontroller enters the Sleep Mode, vari-
ous methods exist to wake the device up and continue
with normal operation. One method is to allow a falling
edge on the I/O pins to have a wake-up function. This
register is used to select which Port A I/O pins are used
to have this wake-up function.
Pull-high Registers
- PAPU
The I/O pins, if configured as inputs, can have internal
pull-high resistors connected, which eliminates the need
for external pull-high resistors. This register selects which
I/O pins are connected to internal pull-high resistors.
· CTRL0 Register -- HT46R006
Bit
76543210
Name
¾
PFDCS
PWMSEL
¾
PWMC0
PFDC
LXTLP
CLKMOD
R/W
¾
R/W
R/W
¾
R/W
R/W
R/W
R/W
POR
¾
00
¾
0000
Bit 7
unimplemented, read as
²0²
Bit 6
PFDCS: PFD clock source
0: timer0
1: timer1
Bit 5
PWMSEL: PWM type selection
0: 6+2
1: 7+1
Bit 4
unimplemented, read as
²0²
Bit 3
PWMC0: I/O or PWM
0: I/O
1: PWM
Bit 2
PFDC: I/O or PFD
0: I/O
1: PFD
Bit 1
LXTLP: LXT oscillator low power control function
0: LXT Oscillator quick start-up mode
1: LXT Oscillator Low Power Mode
Bit 0
CLKMOD: system clock mode selection.
0: High speed - HIRC used as system clock
1: Low speed - LXT used as system clock, HIRC oscillator stopped.
These selections are only valid if the oscillator configuration options
have selected the HIRC+LXT.
Note:
If PWM output is selected by PWMC0 bit, fTP comes always from fSYS.
(fTP is the clock source for timer0, time base and PWM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com