Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R063B Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT48R063B
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063B Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT48R063B Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 35Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 36Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 37Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
HT48R063B/064B/065B/066B
Rev. 1.00
34
April 7, 2011
¨ HT48R064B
Register
Name
POR
Bit
76543210
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK3
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
¾
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
PBC
3FH
¾¾
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
PBPU
00H
¾¾
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
PCC
FFH
PCC7
PCC6
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
PCPU
00H
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU2
PCPU1
PCPU0
²¾² Unimplemented, read as ²0²
PAWKn: PA wake-up function enable
0: disable
1: enable
PACn/PBCn/PCCn: I/O type selection
0: output
1: input
PAPUn/PBPUn/PCPUn: Pull-high function enable
0: disable
1: enable
¨ HT48R065B/HT48R066B
Register
Name
POR
Bit
76543210
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK3
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
¾
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
PBC
3FH
¾¾
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
PBPU
00H
¾¾
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
PCC
FFH
PCC7
PCC6
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
PCPU
00H
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU2
PCPU1
PCPU0
PDC
0FH
¾¾¾¾
PDC3
PDC2
PDC1
PDC0
PDPU
00H
¾¾¾¾
PDPU3
PDPU2
PDPU1
PDPU0
²¾² Unimplemented, read as ²0²
PAWKn: PA wake-up function enable
0: disable
1: enable
PACn/PBCn/PCCn/PDCn: I/O type selection
0: output
1: input
PAPUn/PBPUn/PCPUn/PDPUn: Pull-high function enable
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com