Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R063B Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT48R063B
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R063B Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT48R063B Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 47Page - Holtek Semiconductor Inc HT48R063B Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
HT48R063B/064B/065B/066B
Rev. 1.00
44
April 7, 2011
· PFD Programming Example
org 04h
; external interrupt vector
org 08h
; Timer Counter 0 interrupt vector
jmp tmr0int
; jump here when Timer 0 overflows
::
org 20h
; main program
::
;internal Timer 0 interrupt routine
tmr0int:
:
; Timer 0 main program placed here
:
:
begin:
;setup Timer 0 registers
mov
a,09bh
; setup Timer 0 preload value
mov tmr0,a
mov a,081h
; setup Timer 0 control register
mov tmr0c,a
; timer mode and prescaler set to /2
;setup interrupt register
mov a,00dh
; enable master interrupt and both timer interrupts
mov intc0,a
::
set tmr0c.4
; start Timer 0
::
Time Base
The device includes a Time Base function which is used to generate a regular time interval signal.
The Time Base time interval magnitude is determined using an internal 13 stage counter sets the division ratio of the
clock source. This division ratio is controlled by both the TBSEL0 and TBSEL1 bits in the CTRL1 register. The clock
source is selected using the T0S bit in the TMR0C register.
When the Time Base time out, a Time Base interrupt signal will be generated. It should be noted that as the Time Base
clock source is the same as the Timer/Event Counter clock source, care should be taken when programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com