Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B42R Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 50Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 53Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 54Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 55Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 56Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Rev. 1.00
52
October 27, 2011
Rev. 1.00
53
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
Endpt_EN Register
Bit
7
6
5
4
3
2
1
0
Name
―
―
―
―
―
EP2EN
EP1EN
EP0EN
R/W
―
―
―
―
―
R/W
R/W
R/W
POR
―
―
―
―
―
1
1
1
Bit7~3
Unimplemented
Bit2
EP2EN:USBEndpoint2controlbit
0:disable
1:enable
Bit1
EP1EN:USBEndpoint1controlbit
0:disable
1:enable
Bit0
EP0EN:USBEndpoint0controlbit
0:disable
1:enable
USB_STAT Register
Bit
7
6
5
4
3
2
1
0
Name
―
―
―
SE1
SE0
K_state
J_state
EOP
R/W
―
―
―
R/W
R/W
R/W
R/W
R/W
POR
―
―
―
x
x
x
x
x
Bit7~5
Unimplemented
Bit4
SE1:USBSE1noiseindicationbit
0:nonoise
1:noise
ThisbitisusedtoindicatetheSIEhasdetectedaSE1noiseintheUSBBus.Thisbit
issetbySIEandclearedbyF/W.
Bit3
SE0:USBSE0noiseindicationbit
0:nonoise
1:noise
ThisbitisusedtoindicatetheSIEhasdetectedaSE0noiseintheUSBBus.Thisbit
issetbySIEandclearedbyF/W.
Bit2
K_state:USBSIEK_stateindicationbit
0:notK_state
1:K_state
ThisbitisusedtoindicatetheSIEhasdetectedaK_stateUSBsignalintheUSBBus.
ThisbitissetbySIEandclearedbyF/W.
Bit1
J_state:USBSIEJ_stateindicationbit
0:notJ_state
1:J_state
ThisbitisusedtoindicatetheSIEhasdetectedaJ_stateUSBsignalintheUSBBus.
ThisbitissetbySIEandclearedbyF/W.
Bit0
EOP:USBEOPindicationbit
0:notEOP
1:EOP
ThisbitisusedtoindicatetheSIEhasdetectedanEOPUSBsignalintheUSBBus.
ThisbitissetbySIEandclearedbyF/W.
TheUSB_STATRegisterisusedtoindicatethepresentUSBsignalstate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com