Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B42R Datasheet(PDF) 59 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 59 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 55Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 56Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 57Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 58Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 59Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 60Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 61Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 62Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 63Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
Rev. 1.00
58
October 27, 2011
Rev. 1.00
59
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
SPIR Register
Bit
7
6
5
4
3
2
1
0
Name
―
―
―
―
SPI_EN SPI_CSEN SPI_MODE SPI_CPOL
R/W
―
―
―
―
R/W
R/W
R/W
R/W
POR
―
―
―
―
0
0
0
0
Bit7~4
Unimplemented
Bit3
SPI_EN:SPIinterfacepinscontrol
0:I/Omode(default)
1:SPImode
Bit2
SPI_CSEN:SPIsoftwarebitCSENfunctioncontrol
0:disable.TheCSENbithasnoeffectontheSCSpinandtheSCSpinisusedasan
I/Opin
1:enable.TheCSENbitisusedastheenable/disablecontrolfortheSCSpin
Bit1
SPI_MODE:DeterminesSPIclockSCKactiveclockedgetype
SPI_CPOL=0
0:SCKishighbaselevelanddatacaptureatSCKrisingedge
1:SCKishighbaselevelanddatacaptureatSCKfallingedge
SPI_CPOL=1
0:SCKislowbaselevelanddatacaptureatSCKfallingedge
1:SCKislowbaselevelanddatacaptureatSCKrisingedge
TheSPI_MODEandSPI_CPOLbitsareusedtosetupthewaythattheclocksignal
outputsandinputsdataontheSPIbus.Thesetwobitsmustbeconfiguredbefore
datatransferisexecutedotherwiseanerroneousclockedgemaybegenerated.The
SPI_CPOLbitdeterminesthebaseconditionoftheclockline.Ifthebitishigh,then
theSCKlinewillbelowwhentheclockisinactive.WhentheSPI_CPOLbitis
low,thentheSCKlinewillbehighwhentheclockisinactive.TheSPI_MODEbit
determinesactiveclockedgetypewhichdependsupontheconditionofSPI_CPOL
bit.
Bit0
SPI_CPOL:DeterminesthebaseconditionoftheSPIclocklineSCK
0:theSCKlinewillbehighwhentheSPIclockisinactive
1:theSCKlinewillbelowwhentheSPIclockisinactive
TheSPI_CPOLbitdeterminesthebaseconditionoftheSPIclockline,ifthebitis
high,thentheSCKlinewillbelowwhentheclockisinactive.WhentheSPI_CPOL
bitislow,thentheSCKlinewillbehighwhentheclockisinactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com