Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B42R Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT82B42R
Description  I/O MCU with USB Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT82B42R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 36Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 37Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 38Page - Holtek Semiconductor Inc HT82B42R Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
Rev. 1.00
34
October 27, 2011
Rev. 1.00
35
October 27, 2011
HT82B42R/HT82B42RE
I/O MCU with USB Interface
WhentheTimer/Eventcounteroverflows,itscorrespondinginterruptrequestflagintheinterrupt
controlregisterwillbeset.Ifthetimerinterruptisenabledthiswillinturngenerateaninterrupt
signal.Howeverirrespectiveofwhethertheinterruptsareenabledornot,aTimer/Eventcounter
overflowwillalsogenerateawake-upsignalifthedeviceisinaPower-downcondition.This
situationmayoccuriftheTimer/EventCounterisintheEventCountingModeandiftheexternal
signalcontinuestochangestate.Insuchacase,theTimer/EventCounterwillcontinuetocount
theseexternaleventsandifanoverflowoccursthedevicewillbewokenupfromitsPower-down
condition.Topreventsuchawake-upfromoccurring,thetimerinterruptrequestflagshouldfirstbe
sethighbeforeissuingthe"HALT"instructiontoenterthePowerDownMode.
Timer Program Example
ThisprogramexampleshowshowtheTimer/EventCounterregistersaresetup,alongwithhowthe
interruptsareenabledandmanaged.NotehowtheTimer/EventCounteristurnedon,bysetting
bit4oftheTimerControlRegister.TheTimer/EventCountercanbeturnedoffinasimilarwayby
clearingthesamebit.ThisexampleprogramsetstheTimer/EventCountertobeinthetimermode,
whichusestheinternalsystemclockastheclocksource.
org 04h
; USB interrupt vector
reti
org 08h
; Timer/Event Counter interrupt vector
jmp tmr0int
; jump here when Timer0 overflows
:
org 20h
; main program
;internal Timer/Event Counter 0 interrupt routine
Tmr0int:
:
; Timer/Event Counter 0 main program placed here
:
reti
:
:
begin:
;setup Timer registers
mov a,09bh
; setup Timer preload value
mov tmr0,a;
mov a,080h
; setup Timer control register
mov tmr0c,a
; timer mode
; setup interrupt register
mov a,005h
; enable master interrupt and timer interrupt
mov intc0,a
set tmr0c.4
; start Timer/Event Counter - note mode bits must be
; previously setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com