Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9432 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9432
Description  Low-Voltage Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9432 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9432_11 Datasheet HTML 2Page - Vishay Siliconix DG9432_11 Datasheet HTML 3Page - Vishay Siliconix DG9432_11 Datasheet HTML 4Page - Vishay Siliconix DG9432_11 Datasheet HTML 5Page - Vishay Siliconix DG9432_11 Datasheet HTML 6Page - Vishay Siliconix DG9432_11 Datasheet HTML 7Page - Vishay Siliconix DG9432_11 Datasheet HTML 8Page - Vishay Siliconix DG9432_11 Datasheet HTML 9Page - Vishay Siliconix DG9432_11 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.vishay.com
6
Document Number: 72311
S11-1029-Rev. B, 23-May-11
Vishay Siliconix
DG9432, DG9433, DG9434
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Single Supply Voltage
Leakage Current vs. Temperature
Switching Time vs. Temperature
0
20
40
60
80
100
120
02468
10
12
VCOM - Analog Voltage (V)
T = 25 °C
IS = 1 mA
V+ = 5 V
V+ = 2.5 V
V+ = 10 V
V+ = 12 V
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
100
10
1
V+ = 12 V
ICOM(on)
INO(off)
ICOM(off)
0
20
40
60
80
100
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
tON V+ = 2.5 V
tOFF V+ = 2.5 V
tON V+ = 5 V
tOFF V+ = 5 V
RON vs. Analog Voltage and Temperature
Leakage Current vs. Analog Voltage
Supply Current vs. Temperature
0
25
50
75
100
125
150
02468
10
12
VCOM - Analog Voltage (V)
A
B
C
C
A = 85 °C
B = 25 °C
C = - 40 °C
ICOM = 1 mA
V+ = 2.5 V
V+ = 12 V
A
B
C
V+ = 5 V
A
B
- 200
- 150
- 100
- 50
0
50
100
150
200
02468
10
12
VCOM, VNO, VNC - Analog Voltage
ICOM(on)
INO(off)/INC(off)
ICOM(off)
- 60
- 40
- 20
0
20
40
60
80
100
1000
10
0.1
Temperature (°C)
1
100
V+ = 5 V
VIN = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com