Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9432 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG9432
Description  Low-Voltage Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9432 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG9432_11 Datasheet HTML 3Page - Vishay Siliconix DG9432_11 Datasheet HTML 4Page - Vishay Siliconix DG9432_11 Datasheet HTML 5Page - Vishay Siliconix DG9432_11 Datasheet HTML 6Page - Vishay Siliconix DG9432_11 Datasheet HTML 7Page - Vishay Siliconix DG9432_11 Datasheet HTML 8Page - Vishay Siliconix DG9432_11 Datasheet HTML 9Page - Vishay Siliconix DG9432_11 Datasheet HTML 10Page - Vishay Siliconix DG9432_11 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 72311
S11-1029-Rev. B, 23-May-11
www.vishay.com
7
Vishay Siliconix
DG9432, DG9433, DG9434
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Switching Threshold vs. Supply Voltage
Insertion Loss, Off Isolation and Crosstalk
vs. Frequency
0.0
0.5
1.0
1.5
2.0
2.5
02
46
8
10
12
14
V+ - Supply Voltage
100K
- 120
1M
- 20
20
- 40
100M
1G
Frequency (MHz)
Crosstalk
Insertion Loss
- 3 dB = 260 MHz
10M
0
- 80
- 60
V+ = 3 V, 5 V
RL = 50 Ω
OIRR
- 100
Charge Injection at Source
Supply Current vs. Input Switching Frequency
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
- 0.0
0.2
0.4
0.6
0.8
0123456
VCOM - Analog Voltage (V)
V+ = 2.5 V
V+ = 5 V
0
200
400
600
800
1000
Input Switching Frequency
2M
4M
0
6M
8M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com