Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9432 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9432
Description  Low-Voltage Dual SPST Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9432 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9432_11 Datasheet HTML 1Page - Vishay Siliconix DG9432_11 Datasheet HTML 2Page - Vishay Siliconix DG9432_11 Datasheet HTML 3Page - Vishay Siliconix DG9432_11 Datasheet HTML 4Page - Vishay Siliconix DG9432_11 Datasheet HTML 5Page - Vishay Siliconix DG9432_11 Datasheet HTML 6Page - Vishay Siliconix DG9432_11 Datasheet HTML 7Page - Vishay Siliconix DG9432_11 Datasheet HTML 8Page - Vishay Siliconix DG9432_11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 72311
S11-1029-Rev. B, 23-May-11
Vishay Siliconix
DG9432, DG9433, DG9434
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION - DG9433/DG9434
DG9433, MSOP-8
NO1
V+
COM1
IN1
IN2
COM2
GND
NO2
1
2
3
4
8
7
6
5
Top View
Device Marking: 9433
NO1
COM1
V+
DG9433. SOT23-8
IN1
IN2
GND
COM2
NO2
1
2
3
4
8
7
6
5
Top View
Device Marking: 4H
TRUTH TABLE DG9433
Logic
Switch
0Off
1On
NO
V+
COM1
DG9434, MSOP-8
IN1
IN2
COM2
GND
NC2
1
2
3
4
8
7
6
5
Top View
Device Marking: 9434
NO1
COM1
V+
DG9434. SOT23-8
IN1
IN2
GND
COM2
NC2
1
2
3
4
8
7
6
5
Top View
Device Marking: 4I
TRUTH TABLE DG9434
Logic
Switch-1
Switch-2
0Off
On
1On
Off
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 40 °C to 85 °C
MSOP-8
DG9432DQ-T1-E3
DG9433DQ-T1-E3
DG9434DQ-T1-E3
SOT23-8
DG9432DS-T1-E3
DG9433DS-T1-E3
DG9433DS-T1-E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com