Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25LB643 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM (SPI Bus) (64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 10Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 11Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 12Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 13Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LE25LB643
No.NA1342-13/14
Figure 11 Status Register Write Flowchart
Figure 12 Write Flowchart
Status register write
Set status register
write command
Set write enable
command
Start
05h
Program start on
rising edge of CS
End of status
register write
YES
Bit 0= “0” ?
06h
01h
NO
*Automatically placed in write
disabled state at the end of the
status register write.
Data
Set status register
read command
Write
Start
05h
Set write command
Address 1
Address 2
Write start on rising
edge of CS
End of write
YES
Bit 0= “0” ?
Data 0
06h
Set write enable
command
02h
NO
Data 1
Data n
*Automatically placed in write
disabled state at the end of the
write.
Set status register
read command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com