Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25LB643 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM (SPI Bus) (64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE25LB643 Datasheet HTML 1Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 2Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 3Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 4Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 5Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LE25LB643
No.NA1342-5/14
Table 1 Command Settings
Command
1st bus
cycle
2nd bus
cycle
3rd bus
cycle
4th bus
cycle
5th bus
cycle
6th bus
cycle
nth bus
cycle
Write enable
(WREN)
06h
Write disable
(WRDI)
04h
Status register read
(RDSR)
05h
Status register write
(WRSR)
01h
DATA
Read
(READ)
03h
A15-A8
A7-A0
Write
(WRITE)
02h
A15-A8
A7-A0
PD *1
PD *1
PD *1
PD *1
Explanatory notes for Table 1
The “h” following each code indicates that the number given is in hexadecimal notation.
Addresses A15 - A13 for all commands are “don’t care.”
*1: “PD” stands for page program data. Any amount of data from 1 to 32 bytes is input.
Figure 2 Serial Input Timing
(SPI Mode 0)
CS
tCSS
tCLHI tCLLO
tCSH
tCLH
tCPH
tDH
tDS
DATA VALID
High Impedance
High Impedance
tCLS
SCK
SI
SO
(SPI Mode 3)
tCLLO tCLHI
tCSH
tCLH
tCPH
tDH
tDS
DATA VALID
High Impedance
High Impedance
tCSS
tCLS
CS
SCK
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com