Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25LB643 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM (SPI Bus) (64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LE25LB643 Datasheet HTML 1Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 2Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 3Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 4Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 5Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LE25LB643
No.NA1342-3/14
Specifications
Absolute Maximum Rating/If an electrical stress exceeding the maximum rating is applied, the device may be damaged.
Parameter
Symbol
Conditions
Ratings
Unit
Storage temperature
-65 to +150
°C
Supply voltage
-0.5 to 4.6
V
DC input voltage
-0.5 to VDD+0.5
V
Overshoot voltage (below 20ns)
-1.0 to VDD+0.5
V
Operating Conditions
Parameter
Symbol
Conditions
Ratings
Unit
Operating temperature
-40 to +85
°C
Operating supply voltage
1.8 to 3.6
V
DC Electrical Characteristics
Parameter
Symbol
Conditions
min
typ
max
Unit
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 5MHz, VDD = 3.6V
1mA
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 5MHz, VDD = 2.5V
0.5
mA
Supply current when reading
ICCR
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 3MHz, VDD = 1.8V
0.3
mA
Supply current when writing
ICCW
VDD = 3.6V., VIN = 0.1VDD/0.9VDD
3mA
CS = VDD, VIN = VDD or VSS
VDD = 3.6V
3
μA
CMOS standby current
ISB
CS = VDD, VIN = VDD or VSS
VDD = 2.5V
2
μA
Input leakage current
ILI
VIN = VSS to VDD, VDD = VDD max.
-2
2
μA
Output leakage current
ILO
VIN = VSS to VDD, VDD = VDD max.
-2
2
μA
Input low voltage
VIL
VDD = VDD max.
-0.3
0.3VDD
V
Input high voltage
VIH
VDD = VDD min.
0.7VDD
VDD+0.3
V
VOL1
IOL = 3.0mA, VDD = 2.5V to 3.6V
0.4
V
Output low voltage
VOL2
IOL = 0.7mA, VDD = 1.8V to 3.6V
0.2
V
VOH1
IOH = -0.4mA, VDD = 2.5V to 3.6V
0.8VDD
V
Output high voltage
VOH2
IOH = -0.1mA, VDD = 1.8V to 3.6V
0.8VDD
V
Capacitance at Ta = 25
°C, f = 1.0MHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Output pin capacitance
CDQ
VDQ = 0V
12
pF
Input pin capacitance
CIN
VIN = 0V
6pF
Note : These parameters are sampled and not 100% tested.
AC Electrical Characteristics
Input pulse level
0.2×VDD to 0.8×VDD
Input pulse rise/fall time
10ns
Output detection voltage
0.5×VDD
Output load
30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com