Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2524 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD2524
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD2524 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD2524 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD2524 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD2524
DESCRIPTION
·High Breakdown Voltage-
:VCBO= 1700V (Min)
·High Switching Speed
·Low Saturation Voltage
·Built-in Damper Diode
APPLICATIONS
·Designed for horizontal deflection output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1700
V
VCES
Collector-Emitter Voltage
1700
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current- Continuous
8
A
ICM
Collector Current-Peak
20
A
IBM
Base Current-Peak
5
A
Collector Power Dissipation
@ TC=25℃
100
PC
Collector Power Dissipation
@ Ta=25℃
3
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SD2524

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2525 TOSHIBA-2SD2525 Datasheet
188Kb / 4P
TOSHIBA TRANSTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SD2525 TOSHIBA-2SD2525 Datasheet
132Kb / 5P
High DC current gain: 100 (min)
2006-11-21
2SD2525 TOSHIBA-2SD2525_V01 Datasheet
132Kb / 5P
High DC current gain: 100 (min)
2006-11-21
2SD2526 TOSHIBA-2SD2526 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
logo
Panasonic Semiconductor
2SD2527 PANASONIC-2SD2527 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
More results

Similar Description - 2SD2524

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com