Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-MSDN16 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF06-MSDN16
Description  6-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSDN16 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EMIF06-MSDN16 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 9Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 10Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EMIF06-MSD02N16
Package information
7/12
4
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Table 3.
Micro QFN 3.5x1.2 16L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.50
0.55
0.018 0.020 0.022
A1
0.00
0.05
0.000
0.002
b
0.15
0.20
0.25
0.006 0.008 0.010
b1
0.25
0.30
0.35
0.010 0.012 0.014
D
3.45
3.50
3.55
0.136 0.138 0.140
D2
2.70
2.80
2.90
0.106 0.110 0.114
E
1.15
1.20
1.25
0.045 0.047 0.049
E2
0.25
0.30
0.40
0.010 0.012 0.016
e
0.40
0.016
k
0.20
0.008
L
0.20
0.25
0.30
0.008 0.010 0.012
L1
0.15
0.006
M
0.20
0.008
Figure 13.
Micro QFN 3.5x1.2 16L
footprint (dimensions in mm)
Figure 14.
Marking
1
1
Pin 1
Index area
A
A1
L
L1
M
b1
b
e
k
E2
E
D
D2
0.30
0.45
0.20
0.40
1.6
0.70
2.30
3.00
N6
Dot : Pin 1 Identification
N6 = Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com