Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-MSDN16 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-MSDN16
Description  6-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSDN16 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-MSDN16 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Application information
EMIF06-MSD02N16
4/12
2
Application information
The EMIF06-mSD02N16 is a dedicated interface device for micro SD card/T-Flash card in
mobile phones. The device provides:
●
ESD protection
●
EMI filterering
●
Pull-up resistors
●
Card detection circuit
2.1
ESD protection
Each pin is connected to a TVS diode able to withstand 12 kV on all pins except on
DATx_In, CMD_In and CLK_In.
2.2
EMI filtering
DATx, CMD and CLK lines are immunized against EMI radiations thanks to pi-filters. To
avoid any degradation of the signal integrity at high frequency, the total line capacitance
stays lower than 20 pF making the device compatible with a clock frequency up to 52 MHz.
2.3
Pull-up resistors
As recommended by the SD Specifications (Part 1 Physical Layer Version 2.00), all the data
lines DATx and the CMD line must be pulled-up with resistors of 10 to 100 k
Ω to avoid bus
floating not only in SD 4-bit mode but also in SD 1-bit and SPI mode.
For the EMIF06-MSD02N16 device the pull-up resistor value has been fixed at 90 k
Ω. This
value makes the EMIF06-MSD02N16 compatible with most of the level shifters that may be
used in the circuit including auto direction-sensing translators known to exhibit a weak
current output.
2.4
Card detection circuit
The EMIF06-mSD02N16 provides the flexibility to use either mechanical card detection with
a dedicated pin connected to the memory card slot or the electrical card detection using the
internal pull resistor of DAT3 of the micro SD card/T-Flash card.
In case of mechanical card detection, the user must add a pull-up on the circuit connected to
the CD (Card Detect) of the micro-SD/T-Flash slot as shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com