Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-MSDN16 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-MSDN16
Description  6-line IPAD?? EMI filter and ESD protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSDN16 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-MSDN16 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSDN16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EMIF06-MSD02N16
Characteristics
3/12
Figure 7.
Line capacitance versus reverse voltage applied on DATx and CMD line
Figure 3.
S21 attenuation measurement
Figure 4.
Analog cross talk measurements
dB
100.0k
1.0M
10.0M
100.0M
1.0G
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
DAT0
DAT1
DAT2
DAT3
CLK
CMD
F (Hz)
dB
100.0k
1.0M
10.0M
100.0M
1.0G
-140.00
-130.00
-120.00
-110.00
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
DAT2 -DAT3
DAT2 -DAT1
F (Hz)
Figure 5.
ESD response to IEC 61000-4-2
(+12 kV air discharge) on one input
(Vin) and on one output (Vout)
Figure 6.
ESD response to IEC 61000-4-2
(- 12 kV air discharge) on one input
(Vin) and on one output (Vout)
IN
OUT
55 V Max
39 V Max
IN
OUT
-41 V Max
-34 V Max
CLINE(pF)
0
2
4
6
8
10
12
14
16
0.0
1.0
2.0
3.0
4.0
5.0
VLINE(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com