Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND017SW Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND017SW
Description  Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017SW Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND017SW Datasheet HTML 1Page - Sanyo Semicon Device TND017SW Datasheet HTML 2Page - Sanyo Semicon Device TND017SW Datasheet HTML 3Page - Sanyo Semicon Device TND017SW Datasheet HTML 4Page - Sanyo Semicon Device TND017SW Datasheet HTML 5Page - Sanyo Semicon Device TND017SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TND017MP / SW
No.6481-2/6
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Clamp Voltage
VDS, clamp
VIN=0V, IO=1mA
60
V
Output-OFF Current
IDSS1VIN=0V, VDS=50V
10
µA
IDSS2VIN=0V, VDS=12V
5
µA
Input Threshold Voltage
VIN(th)
VDS=5V, IO=1mA
1.0
1.5
2.0
V
Protection Circuit Operating Input Voltage
VIN(opr)
4
10
V
Drain-to-Source ON Resistance
RDS(on)
VIN=5V, IO=1A
0.3
0.4
Ω
Input Current (Output On)
IIN
VIN=5V
0.25
0.6
mA
Overheat Detecting Temperature
Tj(sd)
VIN=5V, IO=1A
120
150
190
°C
Overcurrent Detecting Current
Is
VIN=5V
3.0
4.0
5.0
A
Overcurrent Limit (Peak)
ILMT
VIN=5V
3.5
4.5
5.5
A
Input Clamp Voltage
VIN, clamp
IIN=1mA
10
V
Notes : 1. Overcurrent protection circuit limits the output current to the range of overcurrent limit value.
2. During overheat protecting operation, output current is once turned off and then recovers after the input voltage falls to the reset voltage (1.0V)
or below.
Package Dimensions
Package Dimensions
unit : mm (typ)
unit : mm (typ)
7520-003 [TND017MP]
7005-005 [TND017SW]
Block Diagram
IN
GND(S)
OUT(D)
Overvoltage
protective circuit
Overcurrent
protective
circuit
Output current
control
Overheat
protective
circuit
ESD
protective
circuit
Gate
shutdown
circuit
12 3
0.5
0.5
0.5
0.6
1.45
1.45
6.0
4.7
5.0
1 : GND
2 : OUT
3 : IN
SANYO : MP
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : GND1
2 : IN1
3 : GND2
4 : IN2
5 : OUT2
6 : OUT2
7 : OUT1
8 : OUT1
SANYO : SOP8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com