Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND017SW Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TND017SW
Description  Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017SW Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TND017SW Datasheet HTML 1Page - Sanyo Semicon Device TND017SW Datasheet HTML 2Page - Sanyo Semicon Device TND017SW Datasheet HTML 3Page - Sanyo Semicon Device TND017SW Datasheet HTML 4Page - Sanyo Semicon Device TND017SW Datasheet HTML 5Page - Sanyo Semicon Device TND017SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TND017MP / SW
No.6481-3/6
IIN -- Ta
RDS(on) -- VIN
RDS(on) -- Ta
IIN -- VIN
IS -- Ta
IS -- VIN
ILMT -- VIN
ILMT -- Ta
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
Input Voltage, VIN -- V
Input Voltage, VIN -- V
Input Voltage, VIN -- V
0
0.1
0.2
0.3
0.4
0.5
--50
--25
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
2
3
45
6
7
89
10
IT02011
IT02012
--40
°C
25°C
Ta=85°C
VIN
=4V
6V
5V
IO=1A
IO=1A
--50
--25
0
25
50
75
100
0
1
2
3
4
5
4.0
4.5
5.0
5.5
6.0
IT02016
Ta=25
°C
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IT02015
--50
--25
0
25
50
75
100
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
IT02017
4.0
4.5
5.0
5.5
6.0
IT02018
Ta=25
°C
VIN=5V
VIN=6V
5V
4V
--50
--25
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0123456789
10
0
0.1
0.2
0.3
0.4
0.5
0.6
IT02013
IT02014
VIN=5V
Protection
operation
Normal operation
Ta=25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com