Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TND017SW Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # TND017SW
Description  Lowside Power Switch Lamp-, Solenoid-, and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND017SW Datasheet(HTML) 5 Page - Sanyo Semicon Device

  TND017SW Datasheet HTML 1Page - Sanyo Semicon Device TND017SW Datasheet HTML 2Page - Sanyo Semicon Device TND017SW Datasheet HTML 3Page - Sanyo Semicon Device TND017SW Datasheet HTML 4Page - Sanyo Semicon Device TND017SW Datasheet HTML 5Page - Sanyo Semicon Device TND017SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TND017MP / SW
No.6481-5/6
Sample Application Circuit
Another Sample Application Circuit (Solenoid drive)
Operation Description
•
The output power MOSFET will be turned on when the input voltage exceeds the input threshold voltage (4 to 6V
is recommended), and then the lamp will be turned on by the current flowing to the lamp. Conversely, the output
power MOSFET will be turned off when the input voltage goes below the input threshold voltage, and the lamp
will be turned off.
•
The inrush current that occurs during normal lamp operation is limited to a preset value by the built-in overcurrent
protecting circuit, which makes the lamp life longer.
•
The internal overcurrent protection function limits the current of output power MOSFET when output current of at
least the overcurrent detecting current value flows at load short. Besides, if the device temperature exceeds the
allowable power dissipation, overheat protection function protects the power switch from being broken down by
shutting down the MOSFET when Tj comes to 150
°C (typical).
•
Shutdown state will be kept after overheat protection operation and the system will be reset when the input
voltage goes to or below the reset voltage (1V).
•
As an example of application circuit, DC voltage can also be controlled as a solenoid drive.
Addition
•
The diode between OUT and GND in the block diagram is parasitic diode of the MOSFET.
•
Not apply a voltage on IN terminal during the period when OUT voltage is lower then GND voltage when driving
a solenoid or a motor.
•
Be sure connect a diode between OUT terminal and GND terminal when you want to apply a voltage on IN
terminal under the above-stated state (that is, OUT Voltage < GND Voltage).
AC100V
AC24V
OUT
IN
TND017MP / SW
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND017SW
Lamp
Lamp
Lamp
Micro-
controller
Micro-
controller
Micro-
controller
AC100V
AC24V
OUT
IN
TND017MP / SW
5V 5V
IN 1
OUT 1
OUT 2
GND 1, 2
IN 2
5V
GND
TND017SW
Solenoid
Solenoid
Micro-
controller
Micro-
controller
Micro-
controller



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com