Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE341 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJE341
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE341 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJE341 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE341 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJE341
APPLICATIONS
·Useful for medium voltage applications requiring high
fT such as converters and extended range amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
175
V
VCEO
Collector-Emitter Voltage
150
V
VEBO
Emitter-Base Voltage
3
V
IC
Collector Current-Continuous
0.5
A
PC
Collector Power Dissipation
TC=25℃
20
W
Ti
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
6.25
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - MJE341

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
logo
ON Semiconductor
MJE341 ONSEMI-MJE341 Datasheet
130Kb / 4P
POWER TRANSISTORS NPN SILICON
REV 7
logo
New Jersey Semi-Conduct...
MJE341 NJSEMI-MJE341 Datasheet
117Kb / 3P
Plastic NPN Silicon Medium-Power Transistors
More results

Similar Description - MJE341

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com